Part Number Hot Search : 
PCF8593T MAX16800 50005 2SA915L 7835PB TPS721A AN3245 MP108
Product Description
Full Text Search
 

To Download T470N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  n netz-thyristor phase control thyristor datenblatt / data sheet T470N ifbip d aec / 2009-12-01, h.sandmann a 29/09 1/10 seite/page enndaten elektrische eigenschaften elektrische eigenschaften / electrical properties h?chstzul?ssige werte / maximum rated values periodische vorw?rts- und r ckw?rts-spitzensperrspannung repetitive peak forward off-state and reverse voltages t vj = -40c... t vj max v drm ,v rrm 1200 1400 1600 v v v vorw?rts-stossspitzensperrspannung non-repetitive peak forward off-state voltage t vj = -40c... t vj max v dsm 1200 1400 1600 v v v rckw?rts-stossspitzensperrspannung non-repetitive peak reverse voltage t vj = +25c... t vj max v rsm 1300 1500 1700 v v v durchlassstrom-grenzeffektivwert maximum rms on-state current i trmsm 800 a dauergrenzstrom average on-state current t c = 85 c i tavm 470 a dauergrenzstrom average on-state current t c = 55 c, = 180sin, t p = 10 ms i tavm 670 a durchla?strom-effektivwert rms on-state current i trms 1060 a stossstrom-grenzwert surge current t vj = 25 c, t p = 10 ms t vj = t vj max , t p = 10 ms i tsm 7100 6350 a a grenzlastintegral i2t-value t vj = 25 c, t p = 10 ms t vj = t vj max , t p = 10 ms i2t 252 202 103 a2s 103 a2s kritische stromsteilheit critical rate of rise of on-state current din iec 60747-6 f = 50 hz, i gm = 1 a, di g /dt = 1 a/s (di t /dt) cr 150 a/s kritische spannungssteilheit critical rate of rise of off-state voltage t vj = t vj max , v d = 0,67 v drm 5.kennbuchstabe / 5 th letter f (dv d /dt) cr 1000 v/s charakteristische werte / characteristic values durchlassspannung on-state voltage t vj = t vj max , i t = 1200 a t vj = t vj max , i t = 300 a v t max. max. 1,85 1,10 v v schleusenspannung threshold voltage t vj = t vj max v (to) 0,80 v ersatzwiderstand slope resistance t vj = t vj max r t 0,75 m ? durchlasskennlinie 100 a i t 2400 a on-state characteristic t t t t i d 1) i ( ln c i b a v ? + + ? + ? + = t vj = t vj max a= b= c= d= 9,865e-01 2,622e-04 -1,155e-01 3,953e-02 zndstrom gate trigger current t vj = 25 c, v d = 12v i gt max. 200 ma zndspannung gate trigger voltage t vj = 25 c, v d = 12v v gt max. 2 v nicht zndender steuerstrom gate non-trigger current t vj = t vj max , v d = 12v t vj = t vj max , v d = 0,5 v drm i gd max. max. 10 5 ma ma nicht zndende steuerspannung gate non-trigger voltage t vj = t vj max , v d = 0,5 v drm v gd max. 0,2 v haltestrom holding current t vj = 25c, v d = 12v i h max. 300 ma einraststrom latching current t vj = 25c, v d = 12v, r gk 10 ? i gm = 1 a, di g /dt = 1 a/s, t g = 20 s i l max. 1200 ma vorw?rts- und rckw?rts-sperrstrom forward off-state and reverse current t vj = t vj max v d = v drm , v r = v rrm i d , i r max. 50 ma zndverzug gate controlled delay time din iec 60747-6 t vj = 25 c, i gm = 1 a, di g /dt = 1 a/s t gd max. 3 s prepared by: h.sandmann date of publication: 2009-12-16 approved by: m.leifeld revision: 3.1
n netz-thyristor phase control thyristor datenblatt / data sheet T470N ifbip d aec / 2009-12-01, h.sandmann a 29/09 2/10 seite/page thermische eigenschaften mechanische eigenschaften elektrische eigenschaften / electrical properties charakteristische werte / characteristic values freiwerdezeit circuit commutated turn-off time t vj = t vj max , i tm = i tavm v rm = 100 v, v dm = 0,67 v drm dv d /dt = 20 v/s, -di t /dt = 10 a/s 4.kennbuchstabe / 4 th letter o t q typ. 250 s thermische eigenschaften / thermal properties innerer w?rmewiderstand thermal resistance, junction to case khlfl?che / cooling surface beidseitig / two-sided, = 180sin beidseitig / two-sided, dc anode / anode, = 180sin anode / anode, dc kathode / cathode, = 180sin kathode / cathode, dc r thjc max. max. max. max. max. max. 0,051 0,046 0,084 0,079 0,114 0,109 c/w c/w c/w c/w c/w c/w bergangs-w?rmewiderstand thermal resistance, case to heatsink khlfl?che / cooling surface beidseitig / two-sides einseiti g / sin g le-sides r thch max. max. 0,015 0,030 c/w c/w h?chstzul?ssige spe rrschichttemperatur maximum junction temperature t vj max 125 c betriebstemperatur operating temperature t c op -40...+125 c lagertemperatur storage temperature t stg -40...+150 c mechanische eigenschaften / mechanical properties geh?use, siehe anlage case, see annex seite 3 page 3 si-element mit druckkontakt si-pellet with pressure contact anpresskraft clamping force f 4...8 kn steueranschlsse control terminals gate (flat) gate (round, based on amp 60598) kathode / cathode a 2,8x0,5 ? 1,5 a 4,8x0,5 mm mm mm gewicht weight g typ. 70 g kriechstrecke creepage distance 6 mm schwingfestigkeit vibration resistance f = 50 hz 50 m/s2
n netz-thyristor phase control thyristor datenblatt / data sheet T470N ifbip d aec / 2009-12-01, h.sandmann a 29/09 3/10 seite/page massbild 12 4 5 1 : anode / anode 2 : kathode / cathode 4 : gate 5 : hilfskathode/ auxiliary cathode
n netz-thyristor phase control thyristor datenblatt / data sheet T470N ifbip d aec / 2009-12-01, h.sandmann a 29/09 4/10 seite/page r,t ? werte diagramme diagramme trans. w?rmewid. beidseitig analytische elemente des transienten w?rmewiderstandes z thjc fr dc analytical elements of transient thermal impedance z thjc for dc khlung / cooling pos. n 1 2 3 4 5 6 7 r thn [c/w] 0,00024 0,00459 0,00647 0,0185 0,0162 - - beidseitig two-sided n [s] 0,00013 0,00156 0,01010 0,0836 0,4750 - - r thn [c/w] 0,00024 0,00459 0,00647 0,0185 0,0162 0,033 - anodenseitig anode-sided n [s] 0,00013 0,00156 0,01010 0,0836 0,5350 2,830 - r thn [c/w] 0,00024 0,00459 0,00647 0,0185 0,0162 0,063 - kathodenseitig cathode-sided n [s] 0,00013 0,00156 0,01010 0,0836 0,7750 2,930 - analytische funktion / analytical function: ? = max n n=1 thn thjc n -t e 1 r z b c a 0 0,02 0,04 0,06 0,08 0,1 0,12 0,001 0,01 0,1 1 10 100 t [s] z thjc [c/w] transienter innerer w?rmewiderstand fr dc / transient thermal impedance for dc z thjc = f(t ) a - anodenseitige khlung / anode-sided cooling b - beidseitige khlung / two-sided cooling c - kathodenseitige khlung / cathode-sided cooling
n netz-thyristor phase control thyristor datenblatt / data sheet T470N ifbip d aec / 2009-12-01, h.sandmann a 29/09 5/10 seite/page durchlasskennlinie erh?hung des z th dc bei sinus und rechteckstr?men mit unterschiedlichen stromflusswinkeln rise of z th dc for sinewave and rectangular current with different current conduction angles ? z th rec / ? z th sin khlung / cooling = 180 = 120 = 90 = 60 = 30 ? z th rec [c/w] 0,00906 0,01560 0,02095 0,02929 0,04385 beidseitig two-sided ? z th sin [c/w] 0,00498 0,00779 0,01190 0,01937 0,03446 ? z th rec [c/w] 0,00909 0,01562 0,02101 0,02935 0,04393 anodenseitig anode-sided ? z th sin [c/w] 0,00502 0,00783 0,01195 0,01942 0,03454 ? z th rec [c/w] 0,00910 0,01560 0,02101 0,02936 0,04394 kathodenseitig cathode-sided ? z th sin [c/w] 0,00503 0,00783 0,01195 0,01942 0,03455 z th rec = z th dc + ? z th rec z th sin = z th dc + ? z th sin t vj = t vj max 0 500 1000 1500 2000 2500 0,5 1 1,5 2 2,5 3 v t [v] i t [a] grenzdurchlasskennlinie / limiting on-state characteristic i t = f(v t ) t vj = t vj max
n netz-thyristor phase control thyristor datenblatt / data sheet T470N ifbip d aec / 2009-12-01, h.sandmann a 29/09 6/10 seite/page durchlassverluste 180 120 90 60 = 3 0 0 100 200 300 400 500 600 700 800 900 0 50 100 150 200 250 300 350 400 450 500 i tav [a] p tav [w] 0 0 180 durchlassverlustleistung / on-state power loss p tav = f(i tav ) sinusf?rmiger strom / sinusoidal current parameter: stromflusswinkel / current conduction angle 180sin 120sin 90sin 60sin = 30 20 40 60 80 100 120 140 0 50 100 150 200 250 300 350 400 450 500 i tav [a] t c [c] 0 0 180 h?chstzul?ssige geh?usetemperatur / maximum allowable case temperature t c = f(i tav ) sinusf?rmiger strom / sinusoidal current beidseitige khlung / two-sided cooling parameter: stromflusswinkel / current conduction angle
n netz-thyristor phase control thyristor datenblatt / data sheet T470N ifbip d aec / 2009-12-01, h.sandmann a 29/09 7/10 seite/page tc dc = 30 180 60 120 90 0 200 400 600 800 1000 1200 0 100 200 300 400 500 600 700 800 i tav [a] p tav [w] 0 0 180 durchlassverlustleistung / on-state power loss p tav = f(i tav ) rechteckf?rmiger strom / rectangular current parameter: stromflusswinkel / current conduction angle dc 180 120 90 60 = 30 20 40 60 80 100 120 140 0 100 200 300 400 500 600 700 800 i tav [a] t c [c] 0 0 18 0 h?chstzul?ssige geh?usetemperatur / maximum allowable case temperature t c = f(i tav ) rechteckf?rmiger strom / rectangular current beidseitige khlung / two-sided cooling parameter: stromflusswinkel / current conduction angle
n netz-thyristor phase control thyristor datenblatt / data sheet T470N ifbip d aec / 2009-12-01, h.sandmann a 29/09 8/10 seite/page steuerkennlinie zndverzug 0,1 1 10 100 10 100 1000 10000 100000 i g [ma] v g [v] t vj = +125c t vj = -40 c t vj = +25c a b c d steuercharakteristik v g = f (i g ) mit zndbereichen fr v d = 12 v gate characteristic v g = f (i g ) with triggering area for v d = 12 v h?chstzul?ssige spitzens teuerverlustleistung / maximum rated peak gate power dissipation p gm = f (t g ) : a - 40w / 10ms b - 80w / 1ms c - 100w / 0,5ms d - 150w / 0,1ms 100 1000 10000 1 10 100 -di/dt [a/s] q r [as] i tm = 500a 20a 50a 100a 200a sperrverz?gerungsladung / recovered charge q r = f(di/dt) t vj = t vjmax , v r 0,5 v rrm , v rm = 0,8 v rrm parameter: durchlassstro m / on-state current i tm
n netz-thyristor phase control thyristor datenblatt / data sheet T470N ifbip d aec / 2009-12-01, h.sandmann a 29/09 9/10 seite/page 0-50v 0,33 vrrm 0,67 vrrm 0 1 2 3 4 5 6 7 1 2 3 4 5 6 7 8 9 1011121314151617 anzahl pulse bei 50hz sinus halbwellen number of pulses for 50hz sinusoidal half waves i t( ov)m [ka] typische abh?ngigkeit des grenzstromes i t(ov)m von der anzahl fr eine folge von sinus halbwellen bei 50hz. parameter: rckw?rtsspannung v rm typical dependency of maximum overload on-state current i t(ov)m as a number of a sequence of sinusoidal half waves at 50hz. parameter: peak reverse voltage v rm i t(ov)m = f (pulses, v rm ) ; t vj = t vjmax
n netz-thyristor phase control thyristor datenblatt / data sheet T470N ifbip d aec / 2009-12-01, h.sandmann a 29/09 10/10 seite/page nutzungsbedingungen die in diesem produktdatenblatt enthaltenen daten sind ausschl ie?lich fr technisch geschultes fachpersonal bestimmt. die beurteilung der geeignetheit dieses produktes fr die von ihnen anvisierte anwendung sowie die beurteilung der vollst?ndigkeit der bereitgestellten produktdaten fr diese an wendung obliegt ihnen bzw. ihren technischen abteilungen. in diesem produktdatenblatt werden diejenigen merkmale beschrieben, fr die wir eine liefervertragliche gew?hrleistung bernehmen. eine solche gew?hrleis tung richtet sich ausschlie?lich nach ma?gabe der im jeweiligen li efervertrag enthaltenen bestimmungen. garantien jeglicher art werden fr das produkt und dessen eigenschaften keinesfalls bernommen. sollten sie von uns produktinformationen ben?tigen, die ber den inhalt dieses produktdatenblatts hinausgehen und insbesondere eine spezifische verwendung und den einsatz dieses produktes betreffen, setzen sie sich bitte mit dem fr sie zust?ndigen vertriebsbro in verbindung (siehe www.infineon.com). fr interessenten halten wir application notes bereit. aufgrund der technischen anforderungen k?nnte unser pr odukt gesundheitsgef?hrdende subs tanzen enthalten. bei rckfragen zu den in diesem produkt jeweils enthaltenen substanzen setzen sie sich bitte ebenfalls mit dem fr sie zust?ndigen vertriebsbro in verbindung. sollten sie beabsichtigen, das produk t in anwendungen der luftfahrt, in gesundheits- oder lebensgef?hrdenden oder lebenserhaltenden anwendungsbereichen einzusetz en, bitten wir um mitteilung. wir weisen darauf hin, dass wir fr diese f?lle - die gemeinsame durchfhrung eines risiko- und qualit?tsassessments; - den abschluss von speziellen qualit?tssicherungsvereinbarungen; - die gemeinsame einfhrung von ma?nahmen zu einer laufenden produktbeobachtung dringend empfehlen und gegebenenfalls die belieferung von der umsetzung solcher ma?nahmen abh?ngig machen. soweit erforderlich, bitten wir sie, entsprechende hinweise an ihre kunden zu geben. inhaltliche ?nderungen dieses produkt datenblatts bleiben vorbehalten. terms & conditions of usage the data contained in this product data s heet is exclusively intende d for technically trained staff. you and your technical departments will have to evaluate the suitability of the product for the intended application and t he completeness of the produ ct data with respect to such application. this product data sheet is describing the characteristics of this product for which a warranty is granted. any such warranty is granted exclusively pursuant the terms and conditions of the supply agr eement. there will be no guarant ee of any kind for the product and its characteristics. should you require product information in excess of the data giv en in this product data sheet or which concerns the specific application of our product, please contact the sales office, whic h is responsible for you (see www.infineon.com). for those tha t are specifically interested we may provide application notes. due to technical requirements our product may contain dangerous substances. for information on the types in question please contact the sales office, which is responsible for you. should you intend to use the product in aviation applications , in health or live endangering or life support applications, plea se notify. please note, that for any such applications we urgently recommend - to perform joint risk and quality assessments; - the conclusion of quality agreements; - to establish joint measures of an ongoing prod uct survey, and that we may make delivery depended on the realization of any such measures. if and to the extent necessary, please forward equivalent notices to your customers. changes of this product data sheet are reserved.


▲Up To Search▲   

 
Price & Availability of T470N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X